Part Number Hot Search : 
T54FC SB2100 SD103 MPS2222 78422 TS512MCF 2SK879 N5414
Product Description
Full Text Search
 

To Download MMSZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221B - MMSZ5272B
VZ : 2.4 to 110 V PD : 500 mW
* Total Power Dissipation 500 mW on FR-4 or FR-5 Board * Wide Zener Reverse Voltage Range 2.4 V to 110 V * Package Designed for Optimal Automated Board Assembly * Small Package Size for High Density Applications * General Purpose,Medium Current * Pb / RoHS Free
0.112(2.84) 0.100(2.54)
ZENER DIODES
SOD-123
0.28(0.71) 0.02(0.51) 0.152(3.86) 0.140(3.56) 0.071 (1.8) 0.055 (1.4) max. 0.004(0.1) max. 0.006 (0.15) min. 0.010 (0.25) 0.053 (1.35) max.
FEATURES :
MECHANICAL DATA :
* Case : SOD-123 * Weight : 0.01 gram (approximately)
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specifie.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Total Power Dissipation on FR-5 Board, at TL = 75C Derated above 75C Maximum Forward Voltage at I F = 10 mA Thermal Resistance Junction to Ambient Junction and Storage Temperature Range VF RJA TJ ,TS PD 500
(1)
Symbol
Value
Unit
mW mW/C V C/W C
6.7 0.9 340 -55 to + 150
Note : (1) FR-5 = 3.5 x 1.5 inches,using the minimum recommended footprint .
Page 1 of 2
Rev. 01 : January 4, 2006
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specifie
Zener Voltage (1,2) Type No.
MMSZ 5221B MMSZ 5222B MMSZ 5223B MMSZ 5224B MMSZ 5225B MMSZ 5226B MMSZ 5227B MMSZ 5228B MMSZ 5229B MMSZ 5230B MMSZ 5231B MMSZ 5232B MMSZ 5233B MMSZ 5234B MMSZ 5235B MMSZ 5236B MMSZ 5237B MMSZ 5238B MMSZ 5239B MMSZ 5240B MMSZ 5241B MMSZ 5242B MMSZ 5243B MMSZ 5244B MMSZ 5245B MMSZ 5246B MMSZ 5247B MMSZ 5248B MMSZ 5250B MMSZ 5251B MMSZ 5252B MMSZ 5253B MMSZ 5254B MMSZ 5255B MMSZ 5256B MMSZ 5257B MMSZ 5258B MMSZ 5259B MMSZ 5260B MMSZ 5261B MMSZ 5262B MMSZ 5263B MMSZ 5264B MMSZ 5265B MMSZ 5266B MMSZ 5267B MMSZ 5268B MMSZ 5269B MMSZ 5270B MMSZ 5272B
Marking
C1 C2 C3 C4 C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2 P3 P4 P5 R2
VZ Min.
2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 77.90 82.65 86.45 104.50
@ I ZT Nom.
2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 110
(V) Max.
2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.50 12.60 13.65 14.70 15.75 16.80 17.85 18.90 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 86.10 91.35 95.55 115.50
Test Current IZT (mA)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.1
Maximum Zener Impedance (3) ZZT @ I ZT ZZT @ I ZK () ()
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 750 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 3000
Test Current IZK (mA)
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Reverse Leakage Current IR @ VR (V) (A)
100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 84
Notes : (1) The type numbers shown have a standard tolerance of 5% on the nomainal Zener voltage. . (2) Nominal Zener voltage is measured with the device junction in thermal equilibrium a TL = 30C 1C (3) ZZT and ZZK are measured by divice drop across the device by the AC current applice . The specified limits are for IZ(AC) = 0.1 IZ(DC) with the AC frequency 1 KHz
Page 2 of 2
Rev. 01 : January 4, 2006


▲Up To Search▲   

 
Price & Availability of MMSZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X